PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
SM6004 SM6006 |
16-Bit Single-Chip Microcomputers Low Voltage High Speed 16-Bit Single Chip Microcomputer
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components]
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|
UPD70320 UPD70320GJ-5BG UPD70320GJ-8-5BG UPD70320L |
16/8-bit single-chip microcomputer V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC]
|